Part Number Hot Search : 
SA100 Z25A2 3843A RT8239A 01B32AM CY3670 IT130 FCH47N6
Product Description
Full Text Search
 

To Download P0721CA2L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Compak TwinCHIPTM SIDACtor(R) Device
RoHS
The modified DO-214AA SIDACtor devices provide low-cost, longitudinal protection.
(T) 3 (R) 2 (G)
1
Electrical Parameters
Part Number P1402C_L P1602C_L P2202C_L P2702C_L P3002C_L P3602C_L P4202C_L P4802C_L P6002C_L VDRM Volts 58 65 90 120 140 170 190 220 275 VS Volts 77 95 130 160 180 220 250 300 350 VDRM Volts Pins 1-3 116 130 180 240 280 340 380 440 550 154 190 260 320 360 440 500 600 700 VS Volts VT Volts 4 4 4 4 4 4 4 4 4 IDRM Amps 5 5 5 5 5 5 5 5 5 IS mAmps 800 800 800 800 800 800 800 800 800 IT Amps 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 IH mAmps 120 120 120 120 120 120 120 120 120
Pins1-2, 2-3
* "L" in part number indicates RoHS compliance. For non-RoHS compliant device, delete "L" from part number. For surge ratings, see table below. General Notes: * All measurements are made at an ambient temperature of 25 C. IPP applies to -40 C through +85 C temperature range. * IPP is a repetitive surge rating and is guaranteed for the life of the product. * Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities. * VDRM is measured at IDRM. * VS is measured at 100 V/s. * Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request. * UL 60950 creepage requirements must be considered.
Surge Ratings in Amps
IPP Series 0.2x310 * 2x10 * 8x20 * 0.5x700 ** 2x10 ** 1.2x50 ** Amps A B 20 25 Amps 150 250 Amps 150 250 10x160 * 10x160 ** Amps 90 150 10x560 * 10x560 ** Amps 50 100 5x320 * 9x720 ** Amps 75 100 10x360 * 10x1000 * 5x310 * ITSM 10x360 ** 10x1000 ** 10x700 ** 50 / 60 Hz Amps 75 125 Amps 45 80 Amps 75 100 Amps 20 30 di/dt Amps/s 500 500
* Current waveform in s ** Voltage waveform in s Note: Contact factory for release date of Series B.
Telecom Design Guide * (c) 2006 Littelfuse
3 - 13
www.littelfuse.com
SIDACtor Devices
SIDACtor devices enable equipment to comply with various regulatory requirements including GR 1089, ITU K.20, K.21, and K.45, IEC 60950, UL 60950, and TIA-968-A (formerly known as FCC Part 68).
Compak TwinCHIPTM SIDACtor(R) Device
Thermal Considerations
Package Modified DO-214AA
Pin 3
Symbol TJ TS RJA
Parameter Operating Junction Temperature Range Storage Temperature Range Thermal Resistance: Junction to Ambient
Value -40 to +150 -65 to +150 85
Unit C C C/W
Pin 1 Pin 2
Capacitance Values
pF Pin 1-2 / 3-2 Tip-Ground, Ring-Ground Part Number * P1402C[A/B]L P1602C[A/B]L P2202C[A/B]L P2702C[A/B]L P3002C[A/B]L P3602C[A/B]L P4202C[A/B]L P4802C[A/B]L P6002C[A/B]L MIN 30 30 25 25 20 20 20 20 15 MAX 55 55 50 45 40 40 40 35 35 MIN 15 15 15 10 10 10 10 10 10 pF Pin 1-3 Tip-Ring MAX 35 30 30 25 25 25 25 20 20
* [A/B] in part number indicates that values are for both A and B surge ratings. Note: Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias.
www.littelfuse.com
3 - 14
(c) 2006 Littelfuse * Telecom Design Guide
Compak TwinCHIPTM SIDACtor(R) Device
+I
IPP - Peak Pulse Current - %IPP
tr = rise time to peak value td = decay time to half value
IT IS IH IDRM -V VT VDRM VS +V
100
Peak Value
Waveform = tr x td
50
Half Value
0 0 tr td t - Time (s)
-I
V-I Characteristics tr x td Pulse Waveform
Percent of VS Change - %
10
IH (TC = 25 C)
14 12 8 6 4 2 0 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160
IH
25 C
25 C
Ratio of
Case Temperature (TC) - C
Junction Temperature (TJ) - C
Normalized VS Change versus Junction Temperature Normalized DC Holding Current versus Case Temperature
Telecom Design Guide * (c) 2006 Littelfuse
3 - 15
www.littelfuse.com
SIDACtor Devices


▲Up To Search▲   

 
Price & Availability of P0721CA2L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X